Part Number Hot Search : 
NPR33M63 C68HC70 CRO2700A 02N60C3 379SJ SR162 BZX384 3ECSD
Product Description
Full Text Search
 

To Download V061ME02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ENGINEERING PRODUCT SPECIFICATION
SCD# CPS# TEST SET-UP TEST FIXTURE NO.
PRODUCT NUMBER
PACKAGE STYLE:
V061ME02
MINI-16 VCO- MINI-16
810-0013 FR= 70 70 - 76
TO
Z3 5.0 Vdc
B
ELECTRICAL SPECIFICATIONS:
MHz, Vt= 76 5.0 6 MHz Vdc MHz/V KHz/C
1.0 FREQUENCY RANGE (MHz): 2.0 TUNING VOLTAGE (Vdc): 3.0 TUNING SENSITIVITY, AVG. (MHz/Volt): 4.0 ACCURACY AND STABILITY (OVER TEMP) (PPM): 5.0 PHASE NOISE (1 Hz BW): A. 10 KHz OFFSET (dBc/Hz): B. 1 KHz OFFSET (dBc/Hz):
-120 (AVG) dBc/Hz -94 (AVG) dBc/Hz -138 (AVG) dBc/Hz 0 to 8 -18 <.5 <1 1000 50 5 14 TYP dBm dBc MHz MHz/V pF Ohms Vdc
C. 100 KHz OFFSET (dBc/Hz): 6.0 POWER OUTPUT (into 50 Ohms) (dBm): 7.0 HARMONIC SUPPRESSION (2nd) (dBc): 8.0 PULLING (1.67:1 VSWR, ANY PHASE)(MHz): 9.0 PUSHING (MHz/Volt): 10.0 INPUT CAPACITANCE (pf) (MAX): 11.0 LOAD IMPEDANCE (Ohms): 12.0 SUPPLY VOLTAGE (Volts): 13.0 SUPPLY CURRENT ( typ; max.) (mA): 14.0 TEMPERATURE (degrees Celsius): 15.0 OTHER:
17 mA -30 to 85
C
ENGINEERING
QC/QA
MARKETING
ENG.PROD. SPEC
710-1628
REV
1


▲Up To Search▲   

 
Price & Availability of V061ME02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X